Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download APXH100ARA151MH70G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Surface Mount
@Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte. @Suitable for DC-DC converters, voltage regulators and decoupling applications. @Endurance with ripple current : 125C 1000 hours @Rated voltage range : 2.5 to 20Vdc, Capacitance range : 22 to 1000MF @Case size range : F6.3B5.7L to F10B7.7L @Pb-free design
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Surge Voltage Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -55 to +125C 2.5 to 20Vdc P20% (M) Rated voltageB1.15V Shall not exceed value shown in STANDARD RATINGS. 0.12 max. Z(-25C)/Z(+20C)[1.15 Z(-55C)/Z(+20C)[1.25
Characteristics
(at 20C, 120Hz) (at 105C) (at 20C after 2 minutes) (at 20C, 120Hz)
Bias Humidity
Surge Voltage
Failure Rate
(at 100kHz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 1000 hours at 125C. Appearance No significant damage Capacitance change [P20% of the initial value DF (tanE) [200% of the initial specified value ESR [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after subjecting them to the DC rated voltage at 60C, 90 to 95% RH for 1000 hours. Appearance No significant damage Capacitance change [P20% of the initial value DF (tanE) [150% of the initial specified value ESR [150% of the initial specified value Leakage current [The initial specified value The capacitors shall be subjected to 1000 cycles each consisting of charge with the surge voltage specified at 105C for 30 seconds through a protective resistor(R=1kO) and discharge for 5 minutes 30 seconds. Appearance No significant damage Capacitance change [P20% of the initial value DF (tanE) [150% of the initial specified value ESR [150% of the initial specified value Leakage current [The initial specified value 1% per 1000 hours maximum (Confidence level 60%)
*Note : If any doubt arises, measure the leakage current after following voltage treatment. Voltage treatment : DC rated voltage are applied to the capacitors for 120 minutes at 125C.
?DIMENSIONS [mm]
@Terminal Code : A
FDP0.5 BP0.2 W P CP0.2
Size code F60 H70 J80 fD 6.3 8 10 L 5.7 6.7 7.7 A B C 6.6 6.6 7.2 8.3 8.3 9.0 10.3 10.3 11.0 W 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 P 1.9 3.1 4.5
?MARKING
EX) PXH20VC22MF60
H39F 22 20V
0.3max. LP0.3
AP0.2
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
A PXH AAA A RA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 10MF:100,100MF:101) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100) Series code Category
Please refer to "A guide to global code (conductive polymer type)"
(1/2)
CAT. No. E1001E
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Surface Mount
?STANDARD RATINGS
WV(Vdc) Cap(mF) 220 560 1000 150 220 680 82 100 150 220 470 56 120 150 330 39 82 150 180 22 47 82 Size code F60 H70 J80 F60 H70 J80 F60 F60 H70 H70 J80 F60 H70 H70 J80 F60 H70 J80 J80 F60 H70 J80 Leakage current ESR (mAmax/after 2min.) (momax/20c, 100k to 300kHz) 110 280 500 120 176 544 103 126 189 277 592 112 240 300 660 125 262 480 576 88 188 328 35 30 25 35 30 25 40 40 30 30 25 45 35 35 30 50 40 35 35 60 45 45 Rated ripple current (mArms/100k to 300kHz) -55c to +105c 2500 3100 3700 2450 3020 3700 2400 2400 3020 3020 3700 2250 2800 2800 3700 2050 2700 3020 3020 1650 2000 2400 +105c to +125c 770 960 1100 770 960 1100 720 720 960 960 1100 680 880 880 1010 650 830 930 930 590 780 820 APXH2R5ARA221MF60G APXH2R5ARA561MH70G APXH2R5ARA102MJ80G APXH4R0ARA151MF60G APXH4R0ARA221MH70G APXH4R0ARA681MJ80G APXH6R3ARA820MF60G APXH6R3ARA101MF60G APXH6R3ARA151MH70G APXH6R3ARA221MH70G APXH6R3ARA471MJ80G APXH100ARA560MF60G APXH100ARA121MH70G APXH100ARA151MH70G APXH100ARA331MJ80G APXH160ARA390MF60G APXH160ARA820MH70G APXH160ARA151MJ80G APXH160ARA181MJ80G APXH200ARA220MF60G APXH200ARA470MH70G APXH200ARA820MJ80G Part No.
2.5
4
6.3
10
16
20
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of APXH100ARA151MH70G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X